Part Number Hot Search : 
ST1N60 P2500 TC7PG CKG32KX SFH4255 NP5005 AP2322GN HCC4001B
Product Description
Full Text Search
 

To Download 74ALVCH16240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2006 june, 2006 ? rev. 3 1 publication order number: 74ALVCH16240/d 74ALVCH16240 low?voltage 16?bit buffer with bus hold 1.8/2.5/3.3 v (3 ? state, inverting) the 74ALVCH16240 is an advanced performance, inverting 16 ? bit buffer. it is designed for very high ? speed, very low ? power operation in 1.8 v, 2.5 v or 3.3 v systems. the 74ALVCH16240 is nibble controlled with each nibble functioning identically, but independently. the control pins may be tied together to obtain full 16 ? bit operation. the 3 ? state outputs are controlled by an output enable (oen ) input for each nibble. when oen is low, the outputs are on. when oen is high, the outputs are in the high impedance state. the data inputs include active bus ? hold circuitry, eliminating the need for external pull ? up resistors to hold unused or floating inputs at a valid logic state. ? designed for low voltage operation: v cc = 1.65 to 3.6 v ? 3.6 v tolerant inputs and outputs ? high ? speed operation: 3.0 ns max for 3.0 to 3.6 v 3.7 ns max for 2.3 to 2.7 v 6.0 ns max for 1.65 to 1.95 v ? static drive: 24 ma drive at 3.0 v 12 ma drive at 2.3 v 4 ma drive at 1.65 v ? supports live insertion and withdrawal ? includes active bus ? hold to hold unused or floating inputs at a valid logic state ? i off specification guarantees high impedance when v cc = 0 v ? ? near zero static supply current in all three logic states (40  a) substantially reduces system power requirements ? latchup performance exceeds 250 ma @ 125 c ? esd performance: human body model >2000v; machine model >200v ? second source to industry standard 74ALVCH16240 ?to ensure the outputs activate in the 3 ? state condition, the output enable pins should be connected to v cc through a pull ? up resistor. the value of the resistor is determined by the current sinking capability of the output connected to the oe pin. http://onsemi.com marking diagram a = assembly location wl = wafer lot yy = year ww = work week tssop ? 48 dt suffix case 1201 1 48 74ALVCH16240dt awlyyww 1 48 device package shipping ordering information 74ALVCH16240dtr tssop 2500 / reel
74ALVCH16240 http://onsemi.com 2 48 1 oe2 oe1 47 2 d0 o0 46 3 d1 o1 45 4 gnd gnd 44 5 d2 o2 43 6 d3 o3 42 7 v cc v cc 41 8 d4 o4 40 9 d5 o5 39 10 gnd gnd 38 11 d6 o6 37 12 d7 o7 36 13 d8 o8 35 14 d9 o9 34 15 gnd gnd 33 16 d10 o10 32 17 d11 o11 31 18 v cc v cc 30 19 d12 o12 29 20 d13 o13 28 21 gnd gnd 27 22 d14 o14 26 23 d15 o15 25 24 oe3 oe4 oe1 oe2 d0:3 d4:7 o0:3 o4:7 oe3 oe4 d8:11 d12:15 o8:11 o12:15 one of four 1 48 25 24 figure 1. 48 ? lead pinout (top view) figure 2. logic diagram 1 48 25 24 d0 47 d1 46 d2 44 d3 43 o0 2 en1 oe1 oe2 oe3 oe4 o1 3 o2 5 o3 6 en2 en3 en4 d4 41 d5 40 d6 38 d7 37 o4 8 o5 9 o6 11 o7 12 d8 36 d9 35 d10 33 d11 32 o8 13 o9 14 o10 16 o11 17 d12 30 d13 29 d14 27 d15 26 o12 19 o13 20 o14 22 o15 23 1 ? 2 ? 3 ? 4 ? 1 1 1 1 pin names function output enable inputs inputs outputs pins oen d0 ? d15 o0 ? o15 figure 3. iec logic diagram oe1 d0:3 o0:3 oe2 d4:7 o4:7 oe3 d8:11 o8:11 oe4 d12:15 o12:15 l l h l l h l l h l l h l h l l h l l h l l h l h x z h x z h x z h x z h = high voltage level l = low voltage level z = high impedance state x = high or low voltage level and transitions are acceptable for i cc reasons, do not float inputs.
74ALVCH16240 http://onsemi.com 3 maximum ratings (note 1) symbol parameter value unit v cc dc supply voltage 0.5 to 4.6 v v i dc input voltage 0.5 to 4.6 v v o dc output voltage 0.5 to 4.6 v i ik dc input diode current v i < gnd 50 ma i ok dc output diode current v o < gnd 50 ma i o dc output sink current 50 ma i cc dc supply current per supply pin 100 ma i gnd dc ground current per ground pin 100 ma t stg storage temperature range 65 to 150 c t l lead temperature, 1 mm from case for 10 seconds 260 c t j junction temperature under bias 150 c  ja thermal resistance (note 2) 90 c/w msl moisture sensitivity level 1 f r flammability rating oxygen index: 30 to 35 ul 94 v ? 0 @ 0.125 in v esd esd withstand voltage human body model (note 3) machine model (note 4) charged device model (note 5) 2000 200 n/a v i latch ? up latch ? up performance above v cc and below gnd at 125 c (note 6) 250 ma stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. i o absolute maximum rating must be observed. 2. measured with minimum pad spacing on an fr4 board, using 10 mm ? by ? 1 inch, 2 ? ounce copper trace with no air flow. 3. tested to eia/jesd22 ? a114 ? a. 4. tested to eia/jesd22 ? a115 ? a. 5. tested to jesd22 ? c101 ? a. 6. tested to eia/jesd78. recommended operating conditions symbol parameter min max unit v cc supply voltage operating data retention only 2.3 1.5 3.6 3.6 v v i input voltage (note 7) ? 0.5 3.6 v v o output voltage (active state) (3 ? state) 0 0 3.6 3.6 v t a operating free ? air temperature 40 85 c  t/  v input transition rise or fall rate v cc = 2.5 v 0.2 v v cc = 3.0 v 0.3 v 0 0 20 10 ns/v 7. unused inputs may not be left open. all inputs must be tied to a high ? logic voltage level or a low ? logic input voltage level.
74ALVCH16240 http://onsemi.com 4 dc electrical characteristics symbol parameter condition t a =  40  c to  85  c unit min max v ih high level input voltage (note 8) 1.65 v v cc 2.3 v 0.65 v cc v 2.3 v v cc 2.7 v 1.7 2.7 v v cc 3.6 v 2.0 v il low level input voltage (note 8) 1.65 v v cc 2.3 v 0.35 v cc v 2.3 v v cc 2.7 v 0.7 2.7 v v cc 3.6 v 0.8 v oh high level output voltage 1.65 v v cc 3.6 v; i oh = 100  a v cc 0.2 v v cc = 1.65 v; i oh = 4 ma 1.2 v cc = 2.3 v; i oh = 6 ma 2.0 v cc = 2.3 v; i oh = 12 ma 1.7 v cc = 2.7 v; i oh = 12 ma 2.2 v cc = 3.0 v; i oh = 12 ma 2.4 v cc = 3.0 v; i oh = 24 ma 2.0 v ol low level output voltage 1.65 v v cc 3.6 v; i ol = 100  a 0.2 v v cc = 1.65 v; i ol = 4 ma 0.45 v cc = 2.3 v; i ol = 6 ma 0.4 v cc = 2.3 v; i ol = 12 ma 0.7 v cc = 2.7 v; i ol = 12 ma 0.4 v cc = 3.0 v; i ol = 24 ma 0.55 i i input leakage current 1.65 v v cc 3.6 v; 0 v v i 3.6 v 5.0  a i i(hold) minimum bus ? hold input current v cc = 3.6 v; v in = 0 to 3.6 v 500  a v cc = 3.0 v, v in = 0.8 v 75 v cc = 3.0 v, v in = 2.0 v 75 v cc = 2.3 v, v in = 0.7 v 45 v cc = 2.3 v, v in = 1.7 v 45 v cc = 1.65 v, v in = 0.58 v 25 v cc = 1.65 v, v in = 1.07 v 25 i oz 3 ? state output current 1.65 v v cc 3.6 v; 0 v v o 3.6 v; v i = v ih or v il 10  a i off power ? off leakage current v cc = 0 v; v i or v o = 3.6 v 10  a i cc quiescent supply current (note 9) 1.65 v v cc 3.6 v; v i = gnd or v cc 40  a 1.65 v v cc 3.6 v; 3.6 v v i , v o 3.6 v 40  i cc increase in i cc per input 2.7 v v cc 3.6 v; v ih = v cc 0.6 v 750  a 8. these values of v i are used to test dc electrical characteristics only. 9. outputs disabled or 3 ? state only.
74ALVCH16240 http://onsemi.com 5 ac characteristics (note 10; t r = t f = 2.0 ns; c l = 30 pf; r l = 500  ) symbol parameter waveform limits unit t a =  40  c to  85  c v cc = 3.0 v to 3.6 v v cc = 2.3 v to 2.7 v v cc = 1.65 v to 1.95 v min max min max min max t plh t phl propagation delay input to output 1 1.0 1.0 3.0 3.0 1.0 1.0 3.7 3.7 1.0 1.0 6.0 6.0 ns t pzh t pzl output enable time to high and low level 2 1.0 1.0 4.4 4.4 1.0 1.0 5.7 5.7 1.0 1.0 8.2 8.2 ns t phz t plz output disable time from high and low level 2 1.0 1.0 4.1 4.1 1.0 1.0 5.2 5.2 1.0 1.0 7.8 7.8 ns t oshl t oslh output ? to ? output skew (note 11) 0.5 0.5 0.5 0.5 0.75 0.75 ns 10. for c l = 50 pf, add approximately 300 ps to the ac maximum specification. 11. skew is defined as the absolute value of the differ ence between the actual propagation delay for any two separate outputs of the same device. the specification applies to any outputs switching in the same direction, either high ? to ? low (t oshl ) or low ? to ? high (t oslh ); parameter guaranteed by design. capacitive characteristics symbol parameter condition typ unit c in input capacitance (note 12) 6 pf c out output capacitance (note 12) 7 pf c pd power dissipation capacitance 10mhz (note 12) 20 pf 12. v cc = 1.8, 2.5 or 3.3v; v i = 0v or v cc . waveform 1 ? propagation delays t r = t f = 2.0 ns, 10% to 90%; f = 1 mhz; t w = 500 ns v ih 0 v v oh v ol dn on t phl t plh waveform 2 ? output enable and disable times t r = t f = 2.0 ns, 10% to 90%; f = 1 mhz; t w = 500 ns v ih 0 v 0 v oen on t pzh v cc t phz t pzl t plz on v m v m v m v m v m v m figure 4. ac waveforms v m v oh v y v x v ol
74ALVCH16240 http://onsemi.com 6 symbol v cc 3.3 v  0.3 v 2.5 v  0.2 v 1.8 v  0.15 v v ih 2.7 v v cc v cc v m 1.5 v v cc /2 v cc /2 v x v ol 0.3 v v ol 0.15 v v ol 0.15 v v y v oh 0.3 v v oh 0.15 v v oh 0.15 v open pulse generator r t dut v cc r l r l c l 6v or v cc 2 gnd test switch t plh , t phl open t pzl , t plz 6 v at v cc = 3.3 0.3 v; v cc 2 at v cc = 2.5 0.2 v; 1.8 0.15 v t pzh , t phz gnd c l = 50 pf for v cc = 3.0 0.3 v r l = 500  or equivalent r t = z out of pulse generator (typically 50  ) figure 5. test circuit
74ALVCH16240 http://onsemi.com 7 figure 6. carrier tape specifications d 1 for components 10 pitches cumulative tolerance on tape 0.2 mm ( 0.008") 2.0 mm 1.2 mm and larger center lines of cavity embossment user direction of feed k 0 see note 2 p 0 p 2 d e f w b 0 + + + k t b 1 top cover tape p see note 2 a 0 for machine reference only including draft and radii concentric around b 0 r min tape and components shall pass around radius r" without damage bending radius *top cover tape thickness (t 1 ) 0.10 mm (0.004") max embossed carrier embossment typical component cavity center line typical component center line maximum component rotation 10 camber (top view) allowable camber to be 1 mm/100 mm nonaccumulative over 250 mm 100 mm (3.937") 1 mm (0.039") max 250 mm (9.843") 1 mm max tape embossed carrier dimensions (see notes 13 and 14) tape size b 1 max d d 1 e f k p p 0 p 2 r t w 24mm 20.1mm (0.791") 1.5 + 0.1mm ?0.0 (0.059 +0.004" ?0.0) 1.5mm min (0.060") 1.75 0.1 mm (0.069 0.004") 11.5 0.10 mm (0.453 0.004") 11.9 mm max (0.468") 16.0 0.1 mm (0.63 0.004") 4.0 0.1 mm (0.157 0.004") 2.0 0.1 mm (0.079 0.004") 30 mm (1.18") 0.6 mm (0.024") 24.3 mm (0.957") 13. metric dimensions govern ? english are in parentheses for reference only. 14. a 0 , b 0 , and k 0 are determined by component size. the clearance between the components and the cavity must be within 0.05 mm min to 0.50 mm max. the component cannot rotate more than 10 within the determined cavity.
74ALVCH16240 http://onsemi.com 8 figure 7. reel dimensions 13.0 mm 0.2 mm (0.512" 0.008") 1.5 mm min (0.06") 50 mm min (1.969") 20.2 mm min (0.795") full radius t max g a reel dimensions tape size a max g t max 24 mm 360 mm (14.173") 24.4 mm + 2.0 mm, ?0.0 (0.961" + 0.078", ?0.00) 30.4 mm (1.197") figure 8. reel winding direction direction of feed barcode label hole pocket
74ALVCH16240 http://onsemi.com 9 tape trailer (connected to reel hub) no components 160 mm min tape leader no components 400 mm min components direction of feed cavity tape top tape figure 9. tape ends for finished goods figure 10. reel configuration user direction of feed l figure 11. package footprint f k g
74ALVCH16240 http://onsemi.com 10 package dimensions tssop dt suffix case 1201 ? 01 issue a ??? ??? ??? s u m 0.12 (0.005) v s t s u m 0.254 (0.010) t ? v ? b a l k ? u ? 48x ref pin 1 ident. 124 25 48 0.076 (0.003) seating d ? t ? plane dim min max min max inches millimeters a 12.40 12.60 0.488 0.496 b 6.00 6.20 0.236 0.244 c ??? 1.10 ??? 0.043 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.50 bsc 0.0197 bsc h 0.37 ??? 0.015 ??? j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.17 0.27 0.007 0.011 k1 0.17 0.23 0.007 0.009 l 7.95 8.25 0.313 0.325 m 0 8 0 8  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 5. terminal numbers are shown for reference only. 6. dimensions a and b are to be determined at datum plane ?w?. c g h ? w ? detail e j k1 k j1 section n ? n m 0.25 (0.010) f detail e n n on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 74ALVCH16240/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of 74ALVCH16240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X